Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS193P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS193P
Description  Synchronous Up / Down Decade Counter (dual clock lines)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS193P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS193P Datasheet HTML 1Page - Renesas Technology Corp HD74LS193P Datasheet HTML 2Page - Renesas Technology Corp HD74LS193P Datasheet HTML 3Page - Renesas Technology Corp HD74LS193P Datasheet HTML 4Page - Renesas Technology Corp HD74LS193P Datasheet HTML 5Page - Renesas Technology Corp HD74LS193P Datasheet HTML 6Page - Renesas Technology Corp HD74LS193P Datasheet HTML 7Page - Renesas Technology Corp HD74LS193P Datasheet HTML 8Page - Renesas Technology Corp HD74LS193P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.2.00, Feb.18.2005, page 1 of 11
HD74LS193
Synchronous Up / Down Decade Counter (dual clock lines)
REJ03D0455–0200
Rev.2.00
Feb.18.2005
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the output change
coincidently with each other when so instructed by the steering logic. This mode of operation eliminates the output
counting spikes, which are normally associated with asynchronous (ripple clock) counters. The outputs of the four
master-slave flip-flops are triggered by a low-to-high-level transition of either count (clock) input. The direction of
counting is determined by which count input is pulsed while the other count input is high. This counter is fully
programmable; that is, each output may be preset to either level by entering the desired data at the data inputs while the
load inputs is low. The output will change to agree with the data inputs independently of the count pulses. This feature
allows the counters to be used as modulo-N dividers by simply modifying the count length with the preset inputs. A
clear input has been provided which forces all outputs to the low level when a high level is applied. The clear function
is independent of the count and load inputs. The clear, count, and load inputs are buffered to lower the drive
requirements. This reduces the number of clock drivers, etc., required for long words. This counter was designed to be
cascaded without the need for external circuitry. Both borrow and carry outputs are available to cascade both the up-
and down-counting functions.
The borrow output produces a pulse equal in width to the count-down input when the counter underflows. Similarly,
the carry output produces a pulse equal in width to the count up input when an overflow condition exists.
The counters can be easily cascaded by feeding the borrow and carry outputs to the count-down and count-up inputs
respectively of .the succeeding counter.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS193P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS193FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS193RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LS193P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
HD74LS193 HITACHI-HD74LS193 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS193P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
Hitachi Semiconductor
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
HD74LS192 HITACHI-HD74LS192 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(dual clock lines)
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
Synchronous Up / Down Decade Counter (signal clock line)
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74HC190 RENESAS-HD74HC190 Datasheet
150Kb / 13P
Synchronous Up/Down Decade Counter (Single Clock Line)
HD74HC192 RENESAS-HD74HC192 Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com