Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS194AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS194AP
Description  4-bit Bidirectional Universal Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS194AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS194AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LS194A
Rev.3.00, Jul.15.2005, page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
µA
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
ƒclock
0
25
MHz
Clock pulse width
tw (CK)
20
ns
Clear pulse width
tw (CLR)
20
ns
Mode Control
30
ns
A, B, C, D, R, L
20
ns
Setup time
CLR
(inactive state)
tsu
25
ns
Hold time
th
0
ns
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
0.4
IOL = 4 mA
Output voltage
VOL
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
Supply current**
ICC
15
23
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** With all outputs open, inputs A through D grounded, and 4.5 V applied to S0, S1, clear and the serial inputs,
ICC is tested with a momentary GND, then 4.5 V, applied to clock.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
25
36
MHz
tPHL
Clear
19
30
ns
tPLH
Clock
14
22
ns
Propagation delay time
tPHL
Clock
Q
17
26
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com