Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS242 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS242
Description  Quadruple Bus Transceivers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS242 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS242 Datasheet HTML 1Page - Renesas Technology Corp HD74LS242 Datasheet HTML 2Page - Renesas Technology Corp HD74LS242 Datasheet HTML 3Page - Renesas Technology Corp HD74LS242 Datasheet HTML 4Page - Renesas Technology Corp HD74LS242 Datasheet HTML 5Page - Renesas Technology Corp HD74LS242 Datasheet HTML 6Page - Renesas Technology Corp HD74LS242 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS242
Rev.3.00, Jul.15.2005, page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
Hysteresis
VT
+ – V
T
0.2
0.4
V
VCC = 4.75 V
2.4
VIL = 0.8 V, IOH = – 3 mA
VOH
2
V
VIL = 0.5 V, IOH = – 15 mA
VCC = 4.75 V,
VIH = 2 V
0.4
IOL = 12 mA
Output voltage
VOL
0.5
V
IOL = 24 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IOZH
40
VO = 2.7 V
Off-state output current
IOZL
–200
µA
VO = 0.4 V
VCC = 5.25 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
A Input
–0.2
VCC = 5.25 V, VI = 0.4 V,
GAB or GBA at GND
B Input
–0.2
VCC = 5.25 V, VI = 0.4 V,
GAB or GBA at 4.5 V
GAB or GBA
IIL
–0.2
mA
VCC = 5.25 V, VI = 0.4 V
A or B
0.1
VCC = 5.25 V, VI = 5.5 V
Input
current
GAB or GBA
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–40
–225
mA
VCC = 5.25 V
ICCH
22
38
ICCL
29
50
Supply current**
ICCZ
29
50
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** With all outputs open, ICC is measured with transceivers enabled in one direction only, or with all transceivers
disabled.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
min.
typ.
max.
Unit
Condition
tPLH
9
14
Propagation delay time
tPHL
12
18
tZL
20
30
Output enable time
tZH
15
23
CL = 45 pF, RL = 667
tLZ
15
25
Output disable time
tHZ
10
18
ns
CL = 5 pF, RL = 667



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com