Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3441 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N3441
Description  POWER TRANSISTORS(3A,140V,25W)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N3441 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N3441 Datasheet HTML 1Page - Mospec Semiconductor 2N3441 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A


Similar Part No. - 2N3441

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
MEDIUM POWER SILICON NPN TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N3441 MICROSEMI-2N3441 Datasheet
64Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
Savantic, Inc.
2N3441 SAVANTIC-2N3441 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N3441 NJSEMI-2N3441 Datasheet
276Kb / 1P
ELECTRICAL CHARACTERISTICS
More results

Similar Description - 2N3441

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
2N4898 MOSPEC-2N4898 Datasheet
180Kb / 4P
POWER TRANSISTORS(1A, 25W)
2SA671 MOSPEC-2SA671 Datasheet
116Kb / 3P
POWER TRANSISTORS(3.0A,50V,25W)
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
POWER TRANSISTORS(20A,140V,250W)
SJE1497 MOSPEC-SJE1497 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
Nell Semiconductor Co.,...
MJ15003 NELLSEMI-MJ15003 Datasheet
208Kb / 4P
Complementary Silicon power transistors (20A / 140V / 250W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com