Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS1DNC45 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS1DNC45
Description  DUAL N-CHANNEL 450V - 4.1ohm - 0.4A SO-8 SuperMESH™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1DNC45 Datasheet(HTML) 2 Page - STMicroelectronics

  STS1DNC45 Datasheet HTML 1Page - STMicroelectronics STS1DNC45 Datasheet HTML 2Page - STMicroelectronics STS1DNC45 Datasheet HTML 3Page - STMicroelectronics STS1DNC45 Datasheet HTML 4Page - STMicroelectronics STS1DNC45 Datasheet HTML 5Page - STMicroelectronics STS1DNC45 Datasheet HTML 6Page - STMicroelectronics STS1DNC45 Datasheet HTML 7Page - STMicroelectronics STS1DNC45 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS1DNC45
2/8
THERMAL DATA
(#) When Mounted on FR4 board (Steady State)
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-amb(#)
Thermal Resistance Junction-ambient Max Single Operation
Thermal Resistance Junction-ambient Max Dual Operation
62.5
78
°C/W
°C/W
Tj
Max. Operating Junction Temperature
150
°C
Tstg
Storage Temperature
–65 to 150
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
0.4
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
30
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
450
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
50
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 30V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
2.3
3
3.7
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID = 0.5 A
4.1
4.5
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS =25V, ID = 0.5 A
1.1
S
Ciss
Input Capacitance
VDS =25V,f= 1MHz, VGS =0
160
pF
Coss
Output Capacitance
27.5
pF
Crss
Reverse Transfer
Capacitance
4.7
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com