Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS258FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS258FPEL
Description  Quadruple 2-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS258FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS258FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS258FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Jul.15.2005, page 1 of 6
HD74LS258
Quadruple 2-line-to-1-line Data Selectors / Multiplexers
(with three-state outputs)
REJ03D0470–0300
Rev.3.00
Jul.15.2005
This multiplexer features three-state outputs that can interface directly with and drive data lines of bus-organized
systems. With all but one of the common outputs disabled (at a high-impedance state) the low impedance of the single
enabled output will drive the bus line to a high or low logic level.
To minimize the possibility that two outputs will attempt to take a common bus to opposite logic levels, the output-
enable circuitry is designed such that the output disable times are shorter than the output enable times.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS258FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Pin Arrangement
(Top view)
VCC
Select
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
S
1A
2Y
3Y
2B
1Y
1B
G
3B
3A
4B
4A
1A
1B
Output 1Y
2A
2B
Output 2Y
3Y Output
3B
3A
4Y Output
4B
4A
Output
Control
2A
4Y
Inputs
Inputs
Inputs
Inputs


Similar Part No. - HD74LS258FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS258 HITACHI-HD74LS258 Datasheet
75Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
HD74LS258 HITACHI-HD74LS258 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS258FPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS258 HITACHI-HD74LS258 Datasheet
75Kb / 6P
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com