Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS373P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS373P
Description  Octal D-type Transparent Latches (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS373P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS373P Datasheet HTML 1Page - Renesas Technology Corp HD74LS373P Datasheet HTML 2Page - Renesas Technology Corp HD74LS373P Datasheet HTML 3Page - Renesas Technology Corp HD74LS373P Datasheet HTML 4Page - Renesas Technology Corp HD74LS373P Datasheet HTML 5Page - Renesas Technology Corp HD74LS373P Datasheet HTML 6Page - Renesas Technology Corp HD74LS373P Datasheet HTML 7Page - Renesas Technology Corp HD74LS373P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS373
Rev.2.00, Feb.18.2005, page 4 of 7
Testing Method
Test Circuit
4.5V
1Q
Output
Input
P.G.
Zout = 50
Ω
Input
P.G.
Zout = 50
Ω
1D
2D
3D
7D
4D
5D
6D
G
8D
OC
3Q
4Q
5Q
6Q
7Q
8Q
2Q
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
5k
Ω
S2
S1
Load circuit 1
VCC
RL
CL
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveforms 1
tPLH
tPHL
VOH
VOL
0 V
3 V
1.3 V
1.3 V
1.3 V
1.3 V
Data
Q
S1, S2 Closed
10 %
90 %
tTLH
tTHL
10 %
90 %
Note:
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com