Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2734 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC2734
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2734 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC2734 Datasheet HTML 1Page - Renesas Technology Corp 2SC2734 Datasheet HTML 2Page - Renesas Technology Corp 2SC2734 Datasheet HTML 3Page - Renesas Technology Corp 2SC2734 Datasheet HTML 4Page - Renesas Technology Corp 2SC2734 Datasheet HTML 5Page - Renesas Technology Corp 2SC2734 Datasheet HTML 6Page - Renesas Technology Corp 2SC2734 Datasheet HTML 7Page - Renesas Technology Corp 2SC2734 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC2734
Rev.2.00 Aug 10, 2005 page 6 of 7
1000 p
VCC
VT
L3
VBB
470
VOSC Test Circuit
Ferrite Bead
D.U.T.
9 p
120 k
L1
L2
1,000 p
2,200 p
1.2 p
1SV70
VOSC Output
6.8 k
330
C
R
Unit
:
:
F
Ω
L1 : φ1 mm Enameled Copper wire
L2 : φ0.8 mm Enameled Copper wire
L3 : φ0.3 mm Enameled Copper wire, 10 Turns with 470 Ω Resistor
10
26
Input
3 p
1.5 p
Rg = 50 Ω
L3
L5
VCC
L6
L2
L1
5.6 k
1,000 p
1,000 p
1,000 p
1.2 p
3 p
2 p
VBB
Output
RL = 50 Ω
L1 : φ0.5 mm Copper wire 5 Turns inside dia φ3 mm
L2 : φ0.5 mm Copper wire 2 Turns inside dia φ2 mm
L3 : φ0.5 mm Copper wire 2 Turns inside dia φ2 mm
L4 : φ0.5 mm Copper wire 1.5 Turns inside dia φ2 mm
L5 : φ0.5 mm Copper wire 4 Turns inside dia φ2 mm
L6 : φ0.5 mm Copper wire 3 Turns inside dia φ2 mm
R
C
Unit
:
:
Ω
F
Circuit Example-UHF Wide Bandwidth Amplifier (f = 500 MHz to 950 MHz)
92
2 p
D.U.T.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com