| Electronic Components Datasheet Search |
|
M30262F6GP Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30262F6GP Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 39 page ![]() M16C/26 Group 2. CPU Rev.1.00 2004.6.10 page 9 of 37 REJ09B0176-0100Z 2. Central Processing Unit (CPU) Figure 2.1 shows the CPU registers. The CPU has 13 registers. Of these, R0, R1, R2, R3, A0, A1 and FB comprise a register bank. There are two register banks. Figure 2.1. Central Processing Unit Register 2.1 Data Registers (R0, R1, R2 and R3) The R0 register consists of 16 bits, and is used mainly for transfers and arithmetic/logic operations. R1 to R3 are the same as R0. The R0 register can be separated between high (R0H) and low (R0L) for use as two 8-bit data registers. R1H and R1L are the same as R0H and R0L. Conversely, R2 and R0 can be combined for use as a 32-bit data register (R2R0). R3R1 is the same as R2R0. 2.2 Address Registers (A0 and A1) The register A0 consists of 16 bits, and is used for address register indirect addressing and address regis- ter relative addressing. They also are used for transfers and logic/logic operations. A1 is the same as A0. In some instructions, registers A1 and A0 can be combined for use as a 32-bit address register (A1A0). Data registers (Note) Address registers (Note) Frame base registers (Note) Program counter Interrupt table register User stack pointer Interrupt stack pointer Static base register Flag register Note: These registers comprise a register bank. There are two register banks. R0H(R0's high bits) b15 b8 b7 b0 R3 INTBH USP ISP SB C D Z S B O I U IPL R0L(R0's low bits) R1H(R1's high bits)R1L(R1's low bits) R2 b31 R3 R2 A1 A0 FB b19 INTBL b15 b0 PC b19 b0 b15 b0 FLG b15 b0 b15 b0 b7 b8 Reserved area Carry flag Debug flag Zero flag Sign flag Register bank select flag Overflow flag Interrupt enable flag Stack pointer select flag Reserved area Processor interrupt priority level The upper 4 bits of INTB are INTBH and the lower 16 bits of INTB are INTBL. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |