Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C81 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 17Page - Renesas Technology Corp 32C81 Datasheet HTML 18Page - Renesas Technology Corp 32C81 Datasheet HTML 19Page - Renesas Technology Corp 32C81 Datasheet HTML 20Page - Renesas Technology Corp 32C81 Datasheet HTML 21Page - Renesas Technology Corp 32C81 Datasheet HTML 22Page - Renesas Technology Corp 32C81 Datasheet HTML 23Page - Renesas Technology Corp 32C81 Datasheet HTML 24Page - Renesas Technology Corp 32C81 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
page 21
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
2. Central Processing Unit (CPU)
2.1 General Registers
2.1.1 Data Registers (R0, R1, R2 and R3)
R0, R1, R2 and R3 are 16-bit registers for transfer, arithmetic and logic operations. R0 and R1 can be
split into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data registers.
R0 can be combined with R2 to be used as a 32-bit data register (R2R0). The same applies to R3R1.
2.1.2 Address Registers (A0 and A1)
A0 and A1 are 24-bit registers for A0-/A1-indirect addressing, A0-/A1-relative addressing, transfer, arith-
metic and logic operations.
2.1.3 Static Base Register (SB)
SB is a 24-bit register for SB-relative addressing.
2.1.4 Frame Base Register (FB)
FB is a 24-bit register for FB-relative addressing.
2.1.5 Program Counter (PC)
PC is 24 bits wide. It indicates an address of an instruction to be executed.
2.1.6 Interrupt Table Register (INTB)
INTB is a 24-bit register indicating a starting address of an interrupt vector table.
2.1.7 User Stack Pointer (USP), Interrupt Stack Pointer (ISP)
USP and ISP as the stack pointer are 24 bits wide. The U flag can switch USP to ISP and vice versa.
Refer to "2.1.8 Flag Register (FLG)" about the U flag. Set USP and ISP to even addresses to execute an
interrupt sequence efficiently.
2.1.8 Flag Register (FLG)
FLG is a 16-bit register indicating a CPU state.
2.1.8.1 Carry Flag (C)
The C flag indicates whether carry or borrow occurs after an instruction is executed.
2.1.8.2 Debug Flag (D)
The D flag is for debug only. Set to "0".
2.1.8.3 Zero Flag (Z)
The Z flag is set to "1" when the value of zero is obtained from an arithmetic calculation; otherwise "0".
2.1.8.4 Sign Flag (S)
The S flag is set to "1" when a negative value is obtained from an arithmetic calculation; otherwise "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com