Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30835FJGP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M30835FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30835FJGP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30835FJGP Datasheet HTML 5Page - Renesas Technology Corp M30835FJGP Datasheet HTML 6Page - Renesas Technology Corp M30835FJGP Datasheet HTML 7Page - Renesas Technology Corp M30835FJGP Datasheet HTML 8Page - Renesas Technology Corp M30835FJGP Datasheet HTML 9Page - Renesas Technology Corp M30835FJGP Datasheet HTML 10Page - Renesas Technology Corp M30835FJGP Datasheet HTML 11Page - Renesas Technology Corp M30835FJGP Datasheet HTML 12Page - Renesas Technology Corp M30835FJGP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Page 9
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
VSS
VCC
AVSS
VREF
AVCC
P24
P23
P22
P21
P20
P17
P16
P15
P14
P13
P12
P11
P10
P07
P06
P05
P04
P114
P113
P112
P111
P110
P03
P02
P01
P00
P157
P156
P155
P154
P153
P152
P151
P150
P107
P106
P105
P104
P103
P102
P101
P100
P97
INT5
INT4
INT3
KI3
KI2
KI1
KI0
Timer Pin
RxD4/SCL4/STxD4
AN24
AN23
AN22
AN21
AN20
AN07
AN06
AN05
AN04
AN03
AN02
AN01
AN00
AN157
AN156
AN155
AN154
AN153
AN152
AN151
AN150
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
ADTRG
A4(/D4)
A3(/D3)
A2(/D2)
A1(/D1)
A0(/D0)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bus Control Pin(1)
Analog
Pin
Interrupt
Pin
Pin
No
OUTC13
INPC12/OUTC12/ISRxD1/BE1IN
INPC11/OUTC11/ISCLK1
OUTC10/ISTxD1/BE1OUT
INPC07
INPC06
INPC05/OUTC05
INPC04/OUTC04
INPC03
INPC02/ISRxD0/BE0IN
INPC01/OUTC01/ISCLK0
INPC00/OUTC00/ISTxD0/BE0OUT
Control
Pin
Port
UART/CAN Pin
Intelligent I/O Pin
NOTES:
1. Bus control pins in M32C/83T cannot be used.
Table 1.4 Pin Characteristics for 144-Pin Package (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com