Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJTGP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M30833FJTGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJTGP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M30833FJTGP Datasheet HTML 7Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 8Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 9Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 10Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 11Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 12Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 13Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 14Page - Renesas Technology Corp M30833FJTGP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Page 11
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
30
29
28
27
26
76
77
78
79
80
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
P42 / A18 ( MA10 )
P43 / A19 ( MA11 )
P44 / CS3 / A20 (MA12)
P45 / CS2 / A21
P46 / CS1 / A22
P47 / CS0 / A23
P50 / WRL / WR / CASL
P51 / WRH / BHE / CASH
P52 / RD / DW
P53 / CLKOUT / BCLK / ALE
P54 / HLDA / ALE
P55 / HOLD
P56 / ALE / RAS
P57 / RDY
P60 / CTS0 / RTS0 / SS0
P61 / CLK0
P62 / RxD0 / SCL0 / STxD0
P63 / TxD0 / SDA0 / SRxD0
P64(1)
P65 / CLK1
P66 / RxD1 / SCL1 / STxD1
P67 / TxD1 / SDA1 / SRxD1
P70(2, 4)
P71(3, 4)
P72 / TA1OUT / V / CLK2
D10 / P12
D9 / P11
D8 / P10
D7 / AN07 / P07
D6 / AN06 / P06
D5 / AN05 / P05
D4 / AN04 / P04
D3 / AN03 / P03
D2 / AN02 / P02
D1 / AN01 / P01
D0 / AN00 / P00
KI3 / AN37 / P107
KI2 / AN36 / P106
KI1 / AN35 / P105
KI0 / AN34 / P104
AN33 / P103
AN32 / P102
AN31 / P101
AVss
AN30 / P100
VREF
AVcc
STxD4 / SCL4 / RxD4 / ADTRG / P97
SRxD4 / SDA4 / TxD4 / ANEX1 / P96
CLK4 / ANEX0 / P95
M32C/83 GROUP
(M32C/83, M32C/83T)
PLQP0100KB-A
(100P6Q-A)
NOTES:
1. P64 / CTS1 / RTS1 / SS1 / OUTC21 / ISCLK2
2. P70 / TA0OUT / TxD2 / SDA2 / SRxD2 / OUTC20 / ISTxD2 / IEOUT
3. P71 / TA0IN / TB5IN / RxD2 / SCL2 / STxD2 / OUTC22 / ISRxD2 / IEIN
4. P70 and P71 are ports for the N-channel open drain output.
Figure 1.5 Pin Assignment for 100-Pin Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com