Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4901 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4901
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4901 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4901 Datasheet HTML 1Page - Renesas Technology Corp 2SC4901 Datasheet HTML 2Page - Renesas Technology Corp 2SC4901 Datasheet HTML 3Page - Renesas Technology Corp 2SC4901 Datasheet HTML 4Page - Renesas Technology Corp 2SC4901 Datasheet HTML 5Page - Renesas Technology Corp 2SC4901 Datasheet HTML 6Page - Renesas Technology Corp 2SC4901 Datasheet HTML 7Page - Renesas Technology Corp 2SC4901 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4901
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω, Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.672
–69.4
10.99
134.0
0.0610
58.8
0.752
–26.7
400
0.533
–109.9
7.32
111.5
0.0841
49.9
0.528
–50.5
600
0.469
–134.7
5.28
98.8
0.0989
49.3
0.412
–56.0
800
0.446
–152.3
4.12
90.2
0.112
50.9
0.351
–59.0
1000
0.432
–165.9
3.37
83.2
0.126
53.5
0.316
–61.0
1200
0.427
–176.2
2.88
77.2
0.141
55.5
0.294
–63.3
1400
0.430
174.1
2.52
72.1
0.157
57.4
0.282
–66.0
1600
0.433
166.5
2.26
67.5
0.174
58.6
0.274
–69.1
1800
0.439
158.0
2.04
63.3
0.191
59.2
0.269
–72.0
2000
0.453
151.9
1.88
59.2
0.209
60.0
0.265
–76.0
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50
Ω, Emitter common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.421
–115.2
17.40
114.7
0.0399
50.6
0.474
–57.7
400
0.377
–150.2
9.74
98.5
0.0609
64.2
0.284
–67.2
600
0.370
–167.0
6.68
90.1
0.0822
67.8
0.213
–70.5
800
0.373
–179.1
5.09
84.0
0.105
68.6
0.180
–72.9
1000
0.371
170.6
4.13
79.0
0.128
69.2
0.161
–74.9
1200
0.377
164.9
3.49
74.3
0.151
68.9
0.151
–77.6
1400
0.384
156.9
3.04
70.3
0.174
68.3
0.146
–80.7
1600
0.388
150.7
2.71
66.8
0.197
67.3
0.143
–83.5
1800
0.392
145.3
2.45
63.3
0.219
66.2
0.142
–87.2
2000
0.406
139.0
2.25
59.5
0.241
64.9
0.141
–91.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com