Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4988 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4988
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4988 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4988 Datasheet HTML 1Page - Renesas Technology Corp 2SC4988 Datasheet HTML 2Page - Renesas Technology Corp 2SC4988 Datasheet HTML 3Page - Renesas Technology Corp 2SC4988 Datasheet HTML 4Page - Renesas Technology Corp 2SC4988 Datasheet HTML 5Page - Renesas Technology Corp 2SC4988 Datasheet HTML 6Page - Renesas Technology Corp 2SC4988 Datasheet HTML 7Page - Renesas Technology Corp 2SC4988 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4988
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.555
–66.6
9.68
124.7
0.0717
62.3
0.672
–39.7
400
0.328
–102.5
5.98
102.2
0.106
59.4
0.462
–49.8
600
0.225
–133.1
4.24
89.3
0.138
60.8
0.371
–53.4
800
0.185
–160.5
3.31
80.3
0.170
61.4
0.326
–56.4
1000
0.172
170.5
2.71
72.4
0.204
61.3
0.301
–59.9
1200
0.179
148.5
2.34
65.8
0.237
60.7
0.285
–63.6
1400
0.200
131.7
2.06
59.9
0.270
59.5
0.276
–68.2
1600
0.224
120.0
1.86
54.4
0.303
58.1
0.268
–73.2
1800
0.253
108.7
1.71
49.6
0.334
56.4
0.262
–78.7
2000
0.277
99.8
1.58
44.9
0.365
54.5
0.256
–84.7
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50
Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.220
–101.8
13.13
106.0
0.0532
71.5
0.401
–48.6
400
0.135
–149.0
7.08
90.8
0.0946
73.6
0.277
–49.0
600
0.120
175.1
4.83
82.2
0.137
72.6
0.239
–50.1
800
0.132
148.0
3.70
75.5
0.178
70.8
0.221
–53.4
1000
0.155
129.6
3.02
69.5
0.220
68.2
0.212
–57.9
1200
0.174
117.3
2.58
63.9
0.258
65.6
0.205
–63.1
1400
0.196
105.5
2.26
58.8
0.296
62.9
0.201
–69.1
1600
0.225
97.8
2.04
54.1
0.331
60.3
0.197
–75.7
1800
0.246
92.0
1.86
50.0
0.364
57.5
0.193
–82.1
2000
0.267
84.5
1.72
45.7
0.397
54.7
0.190
–89.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com