Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3087BFLAGP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M3087BFLAGP
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3087BFLAGP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M3087BFLAGP Datasheet HTML 73Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 74Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 75Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 76Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 77Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 78Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 79Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 80Page - Renesas Technology Corp M3087BFLAGP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
5. Electrical Characteristics
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 77 of 85
Timing Requirements
(VCC1 = VCC2 = 3.0 to 3.6 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)
Table 5.51
Memory Expansion Mode and Microprocessor Mode
NOTE:
1. Values, which depend on BCLK frequency and external bus cycles, can be obtained from the following
equations. Insert wait states or lower the operation frequency, f(BCLK), if the calculated value is negative.
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) + 1)
tac1(RD-DB) =
109 × n
f(BCLK)
- 35 [ns] (if external bus cycle is a
φ + bφ, n = a + b)
tac1(AD-DB) =
109 × m
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, m = (b × 2) - 1)
tac2(RD-DB) =
109 × p
f(BCLK) × 2
- 35 [ns] (if external bus cycle is a
φ + bφ, p = {(a + b - 1) × 2} + 1)
tac2(AD-DB) =
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data input access time (RD standard)
(note 1)
ns
tac1(AD-DB)
Data input access time (AD standard, CS standard)
(note 1)
ns
tac2(RD-DB)
Data input access time (RD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tac2(AD-DB)
Data input access time (AD standard, when accessing a space with the
multiplexed bus)
(note 1)
ns
tsu(DB-BCLK)
Data input setup time
30
ns
tsu(RDY-BCLK)
RDY input setup time
40
ns
tsu(HOLD-BCLK) HOLD input setup time
60
ns
th(RD-DB)
Data input hold time
0
ns
th(BCLK-RDY)
RDY input hold time
0
ns
th(BCLK-HOLD)
HOLD input hold time
0
ns
td(BCLK-HLDA)
HLDA output delay time
25
ns
VCC1 = VCC2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com