Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620FCPFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 9Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 10Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 11Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 12Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 13Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 14Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 15Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 16Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 13 of 96
REJ03B0001-0241
Figure 1.5
Marking Diagram of Flash Memory version for M16C/62PT (Top View)
Table 1.9
Product Code of Flash Memory version for M16C/62PT
Product
Code
Package
Internal ROM
(User ROM Area
Without Block A, Block 1)
Internal ROM
(Block A, Block 1)
Operating
Ambient
Temperature
Program
and Erase
Endurance
Temperature
Range
Program
and Erase
Endurance
Temperature
Range
Flash
memory
Version
T Version
B
Lead-
included
100
0
°C to 60°C100
0
°C to 60°C-40°C to 85°C
V Version
-40
°C to 125°C
T Version
B7
1,000
10,000
-40
°C to 85°C-40°C to 85°C
V Version
-40
°C to 125°C-40°C to 125°C
T Version
U
Lead-free
100
100
0
°C to 60°C-40°C to 85°C
V Version
-40
°C to 125°C
T Version
U7
1,000
10,000
-40
°C to 85°C-40°C to 85°C
V Version
-40
°C to 125°C-40°C to 125°C
M1 6 C
M3 0 6 2 J F H T F P
YY Y
X XX X X X X
Type No. (See Figure 1.3 Type No., Memory Size, and Package)
Date code seven digits
NOTES:
1.
: Blank
Product code. (See table 1.9 Product Code)
“
” : Product code “B”
“ P B F ” : Product code “U”
“ B 7
” : Product code “B”
“ U 7
” : Product code “U7”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com