Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5555 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5555
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5555 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5555 Datasheet HTML 1Page - Renesas Technology Corp 2SC5555 Datasheet HTML 2Page - Renesas Technology Corp 2SC5555 Datasheet HTML 3Page - Renesas Technology Corp 2SC5555 Datasheet HTML 4Page - Renesas Technology Corp 2SC5555 Datasheet HTML 5Page - Renesas Technology Corp 2SC5555 Datasheet HTML 6Page - Renesas Technology Corp 2SC5555 Datasheet HTML 7Page - Renesas Technology Corp 2SC5555 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5555
Rev.3.00 Nov 14, 2006 page 6 of 7
Sparameter
(VCE = 1 V, IC = 5 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.734
–21.4
13.62
163.7
0.0220
78.7
0.956
–13.4
200
0.676
–41.9
12.34
148.7
0.0421
69.3
0.865
–25.5
300
0.598
–59.8
10.79
136.0
0.0572
61.9
0.753
–34.7
400
0.530
–75.6
9.38
126.5
0.0678
57.2
0.652
–41.0
500
0.471
–88.8
8.18
118.9
0.0756
55.0
0.568
–45.4
600
0.429
–100.8
7.19
112.9
0.0821
53.9
0.498
–48.3
700
0.395
–110.8
6.40
107.8
0.0881
53.4
0.442
–50.2
800
0.370
–120.6
5.74
103.5
0.0940
53.4
0.395
–51.7
900
0.349
–130.0
5.20
100.1
0.0990
54.0
0.355
–52.3
1000
0.336
–136.4
4.74
96.9
0.104
54.6
0.323
–52.7
1100
0.332
–144.1
4.39
93.9
0.109
55.5
0.294
–52.9
1200
0.327
–151.6
4.05
91.4
0.115
56.4
0.270
–52.8
1300
0.322
–157.0
3.77
89.1
0.120
57.4
0.250
–52.2
1400
0.325
–162.9
3.54
86.9
0.125
58.0
0.230
–52.6
1500
0.322
–168.0
3.32
84.9
0.130
58.8
0.215
–52.0
1600
0.331
–172.6
3.14
82.7
0.138
59.8
0.200
–51.5
1700
0.338
–177.0
2.97
80.9
0.143
60.3
0.185
–51.5
1800
0.337
179.0
2.84
79.4
0.149
61.5
0.171
–51.2
1900
0.341
175.4
2.71
77.9
0.154
61.7
0.158
–51.1
2000
0.358
170.8
2.59
76.0
0.161
62.4
0.147
–50.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com