Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 220Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 221Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 222Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 223Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 224Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 225Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 226Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 227Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 224 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.15 Window Function
The window function can be set windows on-screen and output OSD within only the area where the
window is set.
The ON/OFF for vertical window function is performed by bit 5 of the OSD control register 1 and is used
to select vertical window function or vertical blank function by bit 6 of the OSD control register 2. Accord-
ingly, the vertical window function cannot be used simultaneously with the vertical blank function. The
display mode to validate the window function is selected by bits 5 to 7 of the OSD control register 3. The
top border is set by the top border control register (TBR) and the bottom border is set by the bottom
border control register (BBR).
The ON/OFF for horizontal window function is performed by bit 4 of the OSD control register 2 and is
used interchangeably for the horizontal blank function with bit 5 of the OSD control register 2. Accord-
ingly, the horizontal blank function cannot be used simultaneously with the horizontal window function.
The display mode to validate the window function is selected by bits 5 to 7 of the OSD control register 3.
The left border is set by the left border control register (LBR), and the right border is set by the right
border control register (RBR).
Notes 1: Horizontal blank and horizontal window, as well as vertical blank and vertical window can not be
used simultaneously.
2: When the window function is ON by OSD control registers 1 and 2, the window function of
OUT2 is valid in all display mode regardless of setting value of the OSD control register 3 (bits
5 to 7). For example, even when make the window function valid in only CC mode, the function
of OUT2 is valid in OSDS/L/P and CDOSD modes.
3: As for SPRITE display, the window function does not operate.
Figure 2.16.45 Example of window function (When CC mode is valid)
CDOSD mode
FG H
I
J
KL
M N O
PQ R
S
T
OSDS/L/P mode
AB CD E
UV
W X
Y
Screen
CC mode
Window
Bottom border
of window
Top border
of window
Right border
of window
Left border
of window
Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com