Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 224Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 225Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 226Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 227Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 228Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 229Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 230Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 231Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 228 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.17 Raster Coloring Function
An entire screen (raster) can be colored by setting the bits 6 to 0 of the raster color register. Since each of
the R, G, B, OUT1, and OUT2 pins can be switched to raster coloring output, 512 raster colors can be
obtained.
When the character color/the character background color overlaps with the raster color, the color (R, G,
B, OUT1, OUT2), specified for the character color/the character background color, takes priority of the
raster color. This ensures that the character color/the character background color is not mixed with the
raster color.
The raster color register is shown in Figure 2.16.51, the example of raster coloring is shown in Figure
2.16.52.
Note: Raster is not output to the area which includes blank area.
Figure 2.16.51 Raster color register
Raster color register
b7 b6 b5 b4 b3 b2 b1 b0
(b15)
b7
(b8)
b0
b6 b5 b4 b3 b2 b1
Symbol
Address
When reset
RSC
020916, 020816
000016
Bit symbol
RSC2 to RSC0 R singnal output
control bits
Bit name
Function
R W
b2
b1 b0
0
0
0 : VSS
0
0
1 : 1/7VCC
0
1
0 : 2/7VCC
0
1
1 : 3/7VCC
1
0
0 : 4/7VCC
1
0
1 : 5/7VCC
1
1
0 : 6/7VCC
1
1
1 : VCC
RSC6 to RSC4 G singnal output
control bits
b6
b5 b4
0
0
0 : VSS
0
0
1 : 1/7VCC
0
1
0 : 2/7VCC
0
1
1 : 3/7VCC
1
0
0 : 4/7VCC
1
0
1 : 5/7VCC
1
1
0 : 6/7VCC
1
1
1 : VCC
RSC10 to RSC8 B singnal output
control bits
b10 b9 b8
0
0
0 : VSS
0
0
1 : 1/7VCC
0
1
0 : 2/7VCC
0
1
1 : 3/7VCC
1
0
0 : 4/7VCC
1
0
1 : 5/7VCC
1
1
0 : 6/7VCC
1
1
1 : VCC
RSC12
OUT1 singnal output
control bit
0: No output
1: Output
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
RSC13
OUT2 singnal output
control bit
0: No output
1: Output
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Nothing is assined.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com