Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5945 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5945 Datasheet HTML 1Page - Renesas Technology Corp 2SC5945 Datasheet HTML 2Page - Renesas Technology Corp 2SC5945 Datasheet HTML 3Page - Renesas Technology Corp 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 5 of 35
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
Scale: 3 / div.
Scale: 0.03 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition: VCE = 3 V, ZO = 50 Ω
400 to 3000 MHz (100 MHz Step)
Condition: VCE = 3 V, ZO = 50 Ω
400 to 3000 MHz (100 MHz Step)
Condition: VCE = 3 V, ZO = 50 Ω
400 to 3000 MHz (100 MHz Step)
Condition: VCE = 3 V, ZO = 50 Ω
400 to 3000 MHz (100 MHz Step)
(IC = 100 mA)
(IC = 250 mA)
(IC = 100 mA)
(IC = 250 mA)
(IC = 100 mA)
(IC = 250 mA)
(IC = 100 mA)
(IC = 250 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com