Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD667 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SD667
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD667 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SD667 Datasheet HTML 1Page - Renesas Technology Corp 2SD667 Datasheet HTML 2Page - Renesas Technology Corp 2SD667 Datasheet HTML 3Page - Renesas Technology Corp 2SD667 Datasheet HTML 4Page - Renesas Technology Corp 2SD667 Datasheet HTML 5Page - Renesas Technology Corp 2SD667 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SD667, 2SD667A
Silicon NPN Epitaxial
REJ03G0769-0200
(Previous ADE-208-1137)
Rev.2.00
Aug.10.2005
Application
• Low frequency power amplifier
• Complementary pair with 2SB647/A
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
2SD667
2SD667A
Unit
Collector to base voltage
VCBO
120
120
V
Collector to emitter voltage
VCEO
80
100
V
Emitter to base voltage
VEBO
5
5
V
Collector current
IC
1
1
A
Collector peak current
iC(peak)
2
2
A
Collector power dissipation
PC
0.9
0.9
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–50 to +150
°C


Similar Part No. - 2SD667

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD667 HITACHI-2SD667 Datasheet
32Kb / 6P
Silicon NPN Epitaxial
logo
Unisonic Technologies
2SD667 UTC-2SD667 Datasheet
195Kb / 4P
SILICON NPN EPITAXIAL
logo
Foshan Blue Rocket Elec...
2SD667 FOSHAN-2SD667 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SD667 JIANGSU-2SD667 Datasheet
5Mb / 5P
TO-92L Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD667 KOOCHIN-2SD667 Datasheet
279Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - 2SD667

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
2SC4500 RENESAS-2SC4500 Datasheet
147Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com