Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS4DPFS20L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS4DPFS20L
Description  P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DPFS20L Datasheet(HTML) 1 Page - STMicroelectronics

  STS4DPFS20L Datasheet HTML 1Page - STMicroelectronics STS4DPFS20L Datasheet HTML 2Page - STMicroelectronics STS4DPFS20L Datasheet HTML 3Page - STMicroelectronics STS4DPFS20L Datasheet HTML 4Page - STMicroelectronics STS4DPFS20L Datasheet HTML 5Page - STMicroelectronics STS4DPFS20L Datasheet HTML 6Page - STMicroelectronics STS4DPFS20L Datasheet HTML 7Page - STMicroelectronics STS4DPFS20L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2002
STS4DPFS20L
P-CHANNEL 20V - 0.07
Ω - 4A SO-8
STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
DESCRIPTION
This product associates the latest low voltage
STripFET™ in p-channel version to a low drop
Schottky diode. Such configuration is extremely ver-
satile in implementing, a large variety of DC-DC
converters for printers, portable equipment, and cel-
lular phones.
MOSFET ABSOLUTE MAXIMUM RATINGS
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on)
ID
20 V
< 0.08
Ω
4 A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
3 A
30 V
0.51 V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
20
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
20
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuos) at TC = 25°C
4A
ID
Drain Current (continuos) at TC = 100°C
3.4
A
IDM (q)
Drain Current (pulsed)
16
A
PTOT
Total Dissipation at TC = 25°C
2W
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
30
V
IF(RMS)
RMS Forward Current
20
A
IF(AV)
Average Forward Current
TL = 125°C
δ = 0.5
3A
IFSM
Surge Non Repetitive Forward Current
tp = 10 ms
Sinusoidal
75
A
IRRM
Repetitive Peak Reverse Current
tp = 2
µs
F = 1 kHz
1A
IRSM
Non Repetitive Peak Reverse Current
tp = 100
µs1
A
dv/dt
Critical Rate Of Rise Of Reverse Voltage
10000
V/
µs
Note: For the P-CHANNEL MOSFET actual polarity of Voltages
and current has to be reversed
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS4DPFS20L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2001
More results

Similar Description - STS4DPFS20L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2002
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2001
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET
Jun-2002
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
P-CHANNEL 20V - 0.045Ω - 5A SO-8 STripFET™ II MOSFET
September 2004 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com