Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

455A Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 60Page - Renesas Technology Corp 455A Datasheet HTML 61Page - Renesas Technology Corp 455A Datasheet HTML 62Page - Renesas Technology Corp 455A Datasheet HTML 63Page - Renesas Technology Corp 455A Datasheet HTML 64Page - Renesas Technology Corp 455A Datasheet HTML 65Page - Renesas Technology Corp 455A Datasheet HTML 66Page - Renesas Technology Corp 455A Datasheet HTML 67Page - Renesas Technology Corp 455A Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 64 of 146
REJ03B0224-0101
455A Group
(4) External clock
When the external clock signal is used as the main clock
(f(XIN)), connect the XIN pin to the clock source and leave XOUT
pin open (Figure 62).
Be careful that the maximum value of the oscillation frequency
when using the external clock differs from the value when using
the ceramic resonator (refer to the recommended operating
condition). Also, note that the power down mode (POF and
POF2 instructions) cannot be used when using the external clock.
(5) Sub-clock generating circuit f(XCIN)
Sub-clock signal f(XCIN) is obtained by externally connecting a
quartz-crystal oscillator. Connect this external circuit and a
quartz-crystal oscillator to pins XCIN and XCOUT at the shortest
distance. A feedback resistor is built in between pins XCIN and
XCOUT (Figure 63). XCIN pin and XCOUT pin are also used as
ports D6 and D7, respectively. The sub-clock oscillation circuit is
invalid and the function of ports D6 and D7 are valid by setting
bit 2 of register RG to “1”.
When sub-clock, ports D6 and D7 are not used, connect XCIN/D6
to VSS and leave XCOUT/D7 open.
Fig 62. External clock input circuit
Fig 63. External quarts-crystal circuit
455A
XIN
XOUT
External oscillation circuit
VDD
VSS
455A
XCIN
XCOUT
Rd
CIN
COUT
Note: Externally connect a damping resistor Rd
depending on the oscillation frequency.
(A feedback resistor is built-in.)
Use the quartz-crystal manufacturer’s
recommended value because constants such as
capacitance depend on the resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com