Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1978 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1978
Description  Silicon NPN Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1978 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1978 Datasheet HTML 1Page - Renesas Technology Corp 2SD1978 Datasheet HTML 2Page - Renesas Technology Corp 2SD1978 Datasheet HTML 3Page - Renesas Technology Corp 2SD1978 Datasheet HTML 4Page - Renesas Technology Corp 2SD1978 Datasheet HTML 5Page - Renesas Technology Corp 2SD1978 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1978
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
3
0.1
0.03
0.01
1.0
0.3
10
3
10
Collector to Emitter Voltage VCE (V)
Area of Safe Operation
100
30
300
Ta = 25
°C
1 Shot Pulse
iC(peak)
1
µs
0.4
0
1.2
0.8
2.0
1.6
1
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
4
23
5
Ta = 25
°C
IB = 0
200
180
160
140
120
100 µA
0.1
300
3,000
1,000
30,000
10,000
0.3
Collector Current IC (A)
DC Current Transfer Ratio vs.
Collector Current
1.0
3
10
Ta = 25
°C
Pulse
Ta
= 75
°C
25
–25
0.3
0.1
3
1.0
10
0.1
Collector Current IC (A)
Saturation Voltage vs.
Collector Current
3
0.3
1.0
10
200,500
VBE(sat)
VCE(sat)
IC/IB = 200
500
Ta = 25
°C
Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com