Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ77 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SJ77
Description  Silicon P Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ77 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ77 Datasheet HTML 1Page - Renesas Technology Corp 2SJ77 Datasheet HTML 2Page - Renesas Technology Corp 2SJ77 Datasheet HTML 3Page - Renesas Technology Corp 2SJ77 Datasheet HTML 4Page - Renesas Technology Corp 2SJ77 Datasheet HTML 5Page - Renesas Technology Corp 2SJ77 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ76, 2SJ77, 2SJ78, 2SJ79
Rev.2.00 Sep 07, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
2SJ76
–140
2SJ77
–160
2SJ78
–180
Drain to source voltage
2SJ79
VDSX
–200
V
Gate to source voltage
VGSS
±15
V
Drain current
ID
–500
mA
Body to drain diode reverse drain current
IDR
–500
mA
Pch
1.75
W
Channel dissipation
Pch
Note 1
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
2SJ76
–140
—
—
V
2SJ77
–160
—
—
V
2SJ78
–180
—
—
V
Drain to source breakdown
voltage
2SJ79
V (BR) DSX
–200
—
—
V
VGS = 2 V, ID = –1 mA
Gate to source breakdown voltage
V (BR) GSS
±15
—
—
V
IG =
±10 µA, VDS = 0
Gate to source cutoff voltage
VGS (on)
–0.2
—
–1.5
V
ID = –10 mA, VDS = –10 V
Note 2
Drain to source saturation voltage
VDS (sat)
—
—
–2.0
V
ID = –10 mA, VGS = 0
Note 2
Forward transfer admittance
|yfs|
20
35
—
mS
ID = –10 mA, VDS = –20 V
Note 2
Input capacitance
Ciss
—
120
—
pF
Reverse transfer capacitance
Crss
—
4.8
—
pF
VDS = –10 V, ID = –10 mA,
f = 1 MHz
Note:
2. Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com