Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ79 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SJ79
Description  Silicon P Channel MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ79 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ79 Datasheet HTML 1Page - Renesas Technology Corp 2SJ79 Datasheet HTML 2Page - Renesas Technology Corp 2SJ79 Datasheet HTML 3Page - Renesas Technology Corp 2SJ79 Datasheet HTML 4Page - Renesas Technology Corp 2SJ79 Datasheet HTML 5Page - Renesas Technology Corp 2SJ79 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ76, 2SJ77, 2SJ78, 2SJ79
Rev.2.00 Sep 07, 2005 page 4 of 5
Forward Transfer Admittance vs.
Frequency
Frequency f (Hz)
500
100
10
1
0.05
0.1
5 k10 k
100 k
1 M
10 M
50 M
Tc = 25°C
VDS = –20 V
ID = –10 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com