Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB141NF55-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB141NF55-1
Description  N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB141NF55-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STB141NF55-1 Datasheet HTML 1Page - STMicroelectronics STB141NF55-1 Datasheet HTML 2Page - STMicroelectronics STB141NF55-1 Datasheet HTML 3Page - STMicroelectronics STB141NF55-1 Datasheet HTML 4Page - STMicroelectronics STB141NF55-1 Datasheet HTML 5Page - STMicroelectronics STB141NF55-1 Datasheet HTML 6Page - STMicroelectronics STB141NF55-1 Datasheet HTML 7Page - STMicroelectronics STB141NF55-1 Datasheet HTML 8Page - STMicroelectronics STB141NF55-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STB141NF55 - STB141NF55-1 - STP141NF55
Electrical characteristics
5/15
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 27.5 V, ID = 40A
RG =4.7Ω , VGS = 10V
(see Figure 13)
30
150
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 27.5V, ID = 40A,
RG =4.7Ω, VGS = 10V
(see Figure 13)
125
45
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited safe operating area
Source-drain current
Source-drain current (pulsed)
80
320
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 80A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80A, di/dt = 100 A/µs,
VDD = 20V, Tj = 150°C
(see Figure 15)
90
275
6.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com