Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB270N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB270N4F3
Description  N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB270N4F3_08 Datasheet HTML 1Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 2Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 3Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 4Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 5Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 6Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 7Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 8Page - STMicroelectronics STB270N4F3_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2008
Rev 2
1/15
15
■ 100% avalanche tested
■ Standard threshold drive
Applications
■ High current, switching application
■ Automotive
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics unique “single feature
size“strip-based process with less critical
alignment steps and therefore a remarkable
manufacturing reproducibility. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and low gate charge.
Figure 1.
Internal schematic diagram
Features
Type
VDSS
RDS(on)
max
ID
PTOT
STB270N4F3
40 V
< 2.5 m
Ω 160 A 330 W
STI270N4F3
40 V
< 2.9 m
Ω 120 A 330 W
STP270N4F3
40 V
< 2.9 m
Ω 120 A 330 W
1
2
3
1
2
3
1
3
TO-220
D²PAK
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB270N4F3
270N4F3
D²PAK
Tape and reel
STI270N4F3
270N4F3
I²PAK
Tube
STP270N4F3
270N4F3
TO-220
Tube
STB270N4F3
STI270N4F3 - STP270N4F3
N-channel 40 V - 2.1 m
Ω - 160 A - TO-220 - D2PAK - I2PAK
STripFET™ Power MOSFET
www.st.com


Similar Part No. - STB270N4F3_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3_09 Datasheet
804Kb / 14P
N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
14-Jul-2009
More results

Similar Description - STB270N4F3_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB270N4F3 STMICROELECTRONICS-STB270N4F3_09 Datasheet
804Kb / 14P
N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
14-Jul-2009
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com