Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5NF20V_0710 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC5NF20V_0710
Description  N-channel 20V - 0.030Ω - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5NF20V_0710 Datasheet(HTML) 4 Page - STMicroelectronics

  STC5NF20V_0710 Datasheet HTML 1Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 2Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 3Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 4Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 5Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 6Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 7Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 8Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STC5NF20V
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250µA, VGS= 0
20
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±12V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
0.6
V
RDS(on)
Static drain-source on
resistance
VGS= 4.5V, ID= 2.5A
VGS =2.7V, ID = 2.5A
0.030
0.037
0.040
0.045
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID = 2.5A
9.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =15V, f = 1 MHz,
VGS = 0
460
200
50
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD =10V, ID = 4.5A
VGS =4.5V
8.5
1.8
2.4
11.5
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 10V, ID= 2.5A,
RG=4.7Ω, VGS=4.5V
Figure 14 on page 8
7
33
27
10
ns
ns
ns
ns
td(off)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
Vclamp =16V, ID = 5A
RG = 4.7Ω, VGS = 4.5V
Figure 16 on page 8
26
11
21
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com