Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ244 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SJ244
Description  Silicon P Channel MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ244 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ244 Datasheet HTML 1Page - Renesas Technology Corp 2SJ244 Datasheet HTML 2Page - Renesas Technology Corp 2SJ244 Datasheet HTML 3Page - Renesas Technology Corp 2SJ244 Datasheet HTML 4Page - Renesas Technology Corp 2SJ244 Datasheet HTML 5Page - Renesas Technology Corp 2SJ244 Datasheet HTML 6Page - Renesas Technology Corp 2SJ244 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SJ244
Rev.2.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–12
V
Gate to source voltage
VGSS
±7
V
Drain current
ID
±2
A
Drain peak current
ID (pulse)
Note 1
±4
A
Channel dissipation
Pch
Note 2
1
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 100 µs, duty cycle ≤ 10%
2. Value on the alumina ceramic board (12.5
× 20 × 0.7 mm)
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–12
—
—
V
ID = –1 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±7
—
—
V
IG =
±10 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±5
µA
VGS =
±6 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–1
µA
VDS = –8 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
–0.4
—
–1.4
V
ID = –100
µA, VDS = –5 V
RDS (on) 1
—
0.65
0.9
Ω
ID = –0.5 A, VGS = –2.5 V
Note 3
Static drain to source on state resistance
RDS (on) 2
—
0.5
—
Ω
ID = –1 A, VGS = –4 V
Note 3
Forward transfer admittance
|yfs|
—
1.8
—
S
ID = –1 A, VDS = –5 V
Note 3
Input capacitance
Ciss
—
100
—
pF
Output capacitance
Coss
—
168
—
pF
Reverse transfer capacitance
Crss
—
35
—
pF
VDS = –5 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
365
—
ns
Turn-off delay time
td (off)
—
1450
—
ns
ID = –0.2 A
Note 3
Vin = –4 V, RL = 51
Ω
Body to drain diode forward voltage
VDF
—
—
7
V
IF = 4 A
Note 3, V
GS = 0
Note:
3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com