Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3713 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N3713
Description  POWER TRANSISTORS(10A,150W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N3713 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N3713 Datasheet HTML 1Page - Mospec Semiconductor 2N3713 Datasheet HTML 2Page - Mospec Semiconductor 2N3713 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2N3713

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3713 BOCA-2N3713 Datasheet
132Kb / 3P
SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3713 ETC-2N3713 Datasheet
347Kb / 8P
Power Transistors
logo
Comset Semiconductor
2N3713 COMSET-2N3713 Datasheet
178Kb / 5P
EPITAXIAL-BASE NPN - PNP
logo
Seme LAB
2N3713 SEME-LAB-2N3713 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3713 NJSEMI-2N3713 Datasheet
140Kb / 2P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N3713

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
2N6259 MOSPEC-2N6259 Datasheet
111Kb / 3P
POWER TRANSISTORS(16A,150V,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
BUW50 MOSPEC-BUW50 Datasheet
86Kb / 3P
POWER TRANSISTORS(25A,125V,150W)
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com