Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ505L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SJ505L
Description  Silicon P Channel MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ505L Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SJ505L Datasheet HTML 1Page - Renesas Technology Corp 2SJ505L Datasheet HTML 2Page - Renesas Technology Corp 2SJ505L Datasheet HTML 3Page - Renesas Technology Corp 2SJ505L Datasheet HTML 4Page - Renesas Technology Corp 2SJ505L Datasheet HTML 5Page - Renesas Technology Corp 2SJ505L Datasheet HTML 6Page - Renesas Technology Corp 2SJ505L Datasheet HTML 7Page - Renesas Technology Corp 2SJ505L Datasheet HTML 8Page - Renesas Technology Corp 2SJ505L Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SJ505(L), 2SJ505(S)
Rev.5.00 Jun 05, 2006 page 4 of 8
50
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
10
20
30
40
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
ID = –50 A
ID = –50 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
100
30
3
10
0.3
1
0.1
–0.1
–0.3
–1
–3
–30
–10
–100
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.1
–0.3
–1
–3
–10
–30
–100
1000
500
100
200
50
10
20
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
50000
20000
2000
5000
10000
1000
200
500
100
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–100
–80
–60
–40
–20
Dynamic Input Characteristics
40
80
120
160
200
VDS
VGS
1000
200
500
100
20
50
10
–0.3
–1
–3
–30
–10
–100
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –50 V
–25 V
–10 V
VDD = –50 V
–25 V
–10 V
–10 V
VGS = –4 V
–20 A
–50 A
–10 A
–10 A, –20 A
VGS = –10 V, VDD = –30 V
PW = 10
µs, duty ≤ 1 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com