Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34286 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M34286 Datasheet HTML 1Page - Renesas Technology Corp M34286 Datasheet HTML 2Page - Renesas Technology Corp M34286 Datasheet HTML 3Page - Renesas Technology Corp M34286 Datasheet HTML 4Page - Renesas Technology Corp M34286 Datasheet HTML 5Page - Renesas Technology Corp M34286 Datasheet HTML 6Page - Renesas Technology Corp M34286 Datasheet HTML 7Page - Renesas Technology Corp M34286 Datasheet HTML 8Page - Renesas Technology Corp M34286 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ROM type
QzROM
QzROM (blank)
Package
RAM size
(× 4 bits)
64 words
64 words
ROM size
(× 9 bits)
2048 words
2048 words
Part number
M34286G2-XXXGP
M34286G2GP
DESCRIPTION
The 4286 Group is a 4-bit single-chip microcomputer designed
with CMOS technology for single-function remote control
transmitters. The computer is equipped with an 8-bit timer (has
two reload registers) can be set various carrier wave and an 8-
bit timer (has a reload register) can be control the carrier wave
output automatically.
The various microcomputers in the 4286 Group include variations
of type as shown in the table below.
FEATURES
• Number of basic instructions ............................................. 72
•Minimum instruction execution time ............................ 2.0 µs
(at f(XIN) = 4.0 MHz, system clock = f(XIN)/2)
•Supply voltage ................................................. 1.8 V to 3.6 V
• Subroutine nesting ..................................................... 4 levels
•Timer
Timer 1 ................................................................... 8-bit timer
(This has a reload register and carrier wave output auto-control
function)
Timer 2 ................................................................... 8-bit timer
(This has two reload registers and carrier wave output function)
• Logic operation function (XOR, OR, AND)
• RAM back-up function
•Key-on wakeup function (ports D0–D7, E0–E2, G0–G3) .... 15
•I/O port (ports D, E, G, CARR) .......................................... 16
• Oscillation circuit ..................................... Ceramic resonance
• Watchdog timer
• Power-on reset circuit
• Voltage drop detection circuit
Before CLVD instruction execution
Reset occurrence ............................... 1.5 V (Ta=25 °C)
Reset release .................................... 1.7 V (Ta=25 °C)
After CLVD instruction execution
Reset occurrence/Reset release ........ 1.7 V (Ta=25 °C)
APPLICATION
Consumer remote control transmitters
4286 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0251-0100
Rev.1.00
Aug 06, 2008
Rev.1.00
Aug 06, 2008
page 1 of 64
REJ03B0251-0100
PLSP0020JB-A (20P2F-A)
PLSP0020JB-A (20P2F-A)


Similar Part No. - M34286

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
M3428 ALPHAWIRE-M3428 Datasheet
412Kb / 5P
24 (7/32) AWG Tinned Copper
logo
Mitsubishi Electric Sem...
M34280E1FP MITSUBISHI-M34280E1FP Datasheet
508Kb / 47P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
M34280E1FP RENESAS-M34280E1FP Datasheet
627Kb / 48P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Mitsubishi Electric Sem...
M34280E1GP MITSUBISHI-M34280E1GP Datasheet
508Kb / 47P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
M34280E1GP RENESAS-M34280E1GP Datasheet
627Kb / 48P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
More results

Similar Description - M34286

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com