Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS7DNF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS7DNF30L
Description  DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7DNF30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS7DNF30L Datasheet HTML 1Page - STMicroelectronics STS7DNF30L Datasheet HTML 2Page - STMicroelectronics STS7DNF30L Datasheet HTML 3Page - STMicroelectronics STS7DNF30L Datasheet HTML 4Page - STMicroelectronics STS7DNF30L Datasheet HTML 5Page - STMicroelectronics STS7DNF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-amb
Tj
Tstg
*Thermal Resistance Junct ion-ambient
Single Operation
Dual Operation
Maximum O perat ing Junction Temperature
Storage T emperature
78
62. 5
150
-65 t o 150
oC/W
oC/W
oC
oC
(*) Mounted on FR-4 board (Steady State)
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
30
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA1
1.6
2. 5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V
ID =3.5 A
VGS =4.5 V
ID =3.5 A
0.018
0.021
0.022
0.026
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
7A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =3.5 A
10
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0 V
1050
250
85
pF
pF
pF
STS7DNF30L
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com