Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20121SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20121SP
Description  Synchronous Phase Shift Full-Bridge Control IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20121SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20121SP Datasheet HTML 5Page - Renesas Technology Corp R2A20121SP Datasheet HTML 6Page - Renesas Technology Corp R2A20121SP Datasheet HTML 7Page - Renesas Technology Corp R2A20121SP Datasheet HTML 8Page - Renesas Technology Corp R2A20121SP Datasheet HTML 9Page - Renesas Technology Corp R2A20121SP Datasheet HTML 10Page - Renesas Technology Corp R2A20121SP Datasheet HTML 11Page - Renesas Technology Corp R2A20121SP Datasheet HTML 12Page - Renesas Technology Corp R2A20121SP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
R2A20121SP
REJ03D0914-0100 Rev.1.00 Sep 29, 2008
Page 9 of 27
Start-up and Shutdown
VCC
VREF
8.4 V
SS
8 V
4.0 V
0 V
0 V
5 V
High
Low
High
Low
DISCHARGE
(Internal signal)
COMP
RAMP
4.0 V
Iss
10
µA
SS
From Error Amp
Soft-start Block
COMPARATOR
DISCHARGE
SS IN
Css
Current information
CLAMP
FOR PHASE MODULATION
32 counts
RES
(Internal signal)
1.135 V
VREF
VREF
GOOD
(Internal signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com