Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2J20604NP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2J20604NP
Description  Integrated Driver - MOS FET (DrMOS)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20604NP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2J20604NP Datasheet HTML 5Page - Renesas Technology Corp R2J20604NP Datasheet HTML 6Page - Renesas Technology Corp R2J20604NP Datasheet HTML 7Page - Renesas Technology Corp R2J20604NP Datasheet HTML 8Page - Renesas Technology Corp R2J20604NP Datasheet HTML 9Page - Renesas Technology Corp R2J20604NP Datasheet HTML 10Page - Renesas Technology Corp R2J20604NP Datasheet HTML 11Page - Renesas Technology Corp R2J20604NP Datasheet HTML 12Page - Renesas Technology Corp R2J20604NP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
R2J20604NP
REJ03G1605-0200 Rev.2.00 Jun 30, 2008
Page 9 of 14
Typical Data (cont.)
1.20
1.15
1.05
1.10
1.00
0.95
0.90
0.85
0.80
0.1 0.2 0.3 0.4 0.5 0.6
Power Loss vs. Output Inductance
0.7 0.8 0.9 1.0
Output Inductance (
µH)
1.6
1.5
1.3
1.4
1.2
1.1
1.0
0.9
0.8
56789
10 11 12 13 14 15 16
VLDRV (V)
Power Loss vs. VLDRV
Average ICIN vs. Switching Frequency
250
200
150
100
50
0
250
500
750
1250
1000
1500
Switching Frequency (kHz)
250
500
750
1250
1000
1500
Switching Frequency (kHz)
30
25
20
15
10
5
0
Average ILDRV vs. Switching Frequency
VIN = 12 V
VCIN = 12 V
VLDRV = 5 V
VOUT = 1.3 V
fPWM = 1 MHz
Iout = 25 A
VIN = 12 V
VCIN = 12 V
VOUT = 1.3 V
fPWM = 1 MHz
L = 0.45
µH
Iout = 25 A
VIN = 12 V
VCIN = 12 V
VOUT = 1.3 V
L = 0.45
µH
Iout = 0 A
VIN = 12 V
VCIN = 12 V
VOUT = 1.3 V
L = 0.45
µH
Iout = 0 A
VLDRV = 5 V
VLDRV = 12 V
VLDRV = 16 V
VLDRV = 5 V
VLDRV = 12 V
VLDRV = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com