Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2J20701NP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R2J20701NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOS FETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20701NP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R2J20701NP Datasheet HTML 9Page - Renesas Technology Corp R2J20701NP Datasheet HTML 10Page - Renesas Technology Corp R2J20701NP Datasheet HTML 11Page - Renesas Technology Corp R2J20701NP Datasheet HTML 12Page - Renesas Technology Corp R2J20701NP Datasheet HTML 13Page - Renesas Technology Corp R2J20701NP Datasheet HTML 14Page - Renesas Technology Corp R2J20701NP Datasheet HTML 15Page - Renesas Technology Corp R2J20701NP Datasheet HTML 16Page - Renesas Technology Corp R2J20701NP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
R2J20701NP
REJ03G1459-0400 Rev.4.00 Jun 30, 2008
Page 13 of 27
Case 4)
Current sharing or two-phase operation
In the case of master–slave operation, the TRK-SS pin on the master device should be attached to an RC
network for soft starts. TRK-SS pins of slave devices should be tied to the master’s TRK-SS pin. The error
amplifiers on the slave devices can be disabled by pulling up the corresponding FB pins to REG5, and the
slave devices do not require loop-compensation networks.
REG5
TRK-SS
Ishare
Ishare
FB
Channel 1
(Master)
SW
R
Vout1
C
R
C
R1
REG5
TRK-SS
FB
CT
CT
Channel 2
(Slave)
SW
R2
Vout (nominal) = 0.6 V
× (R1 + R2) / R2
To SGND (for current sharing and synchronized operation)
To REG5 (for current sharing and two-phase operation)
Choice of The Resistance of CS Pin
The CS pin is a current-output pin. A current 1/18500 of that of the high-side MOS FET flows through this pin, which
also has a dc current offset of 490
µA. The converter’s maximum current is determined by the voltage on the CS pin,
i.e. 1.5 V, and by the value of the external resistor attached to this pin. The resistance is determined as shown below.
Specification: L = 360 nH, Vin = 12 V, Vout = 1.8 V, Fsw = 500 kHz, Iout(max) = 25 A
Current through the choke coil is
ILpp = (Vin – Vout)
× Vout / (L × Vin × Fsw) = 8.5 A (p-p)
Peak choke current is the current when Io is at its maximum, i.e.
Ilmax = Io(max) + 0.5
× ILpp = 25A + 4.25A = 29.25 A
Maximum CS pin output current is;
Icsmax = Ilmax / 18500 + Ics-dc = 29.25 A / 18500 + 490
µA = 2.071 mA
The ideal resistance for attachment to the CS pin is
RCS = Vcl / Icsmax =1.5 V / 2.071 mA = 724
Ω
Therefore choose 750
Ω as the value of the resistor for attachment to the CS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com