Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS8DNF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS8DNF3LL
Description  DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DNF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS8DNF3LL Datasheet HTML 1Page - STMicroelectronics STS8DNF3LL Datasheet HTML 2Page - STMicroelectronics STS8DNF3LL Datasheet HTML 3Page - STMicroelectronics STS8DNF3LL Datasheet HTML 4Page - STMicroelectronics STS8DNF3LL Datasheet HTML 5Page - STMicroelectronics STS8DNF3LL Datasheet HTML 6Page - STMicroelectronics STS8DNF3LL Datasheet HTML 7Page - STMicroelectronics STS8DNF3LL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2002
.
STS8DNF3LL
DUAL N-CHANNEL 30V - 0.017
Ω - 8A SO-8
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.017Ω
s
OPTIMAL RDS(on) x Qg TRADE-OFF @ 4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power MOSFET is the second
generation of STMicroelectronis unique "Single Feature
Size™" strip-based process. The resulting transistor
shows the best trade-off between on-resistance and gate
charge. When used as high and low side in buck
regulators, it gives the best performance in terms of both
conduction and switching losses. This is extremely
important for motherboards where fast switching and
high efficiency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS FOR MOBILE PCS
TYPE
VDSS
RDS(on)
ID
STS8DNF3LL
30 V
<0.020
Ω
8 A
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
Single Operation
8
A
Drain Current (continuous) at TC = 100°C
Single Operation
5
IDM(•)
Drain Current (pulsed)
32
A
Ptot
Total Dissipation at TC = 25°C Dual operating
Total Dissipation at TC = 25°C Single operating
2
1.6
W
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS8DNF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
logo
VBsemi Electronics Co.,...
STS8DNF3LL VBSEMI-STS8DNF3LL Datasheet
947Kb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
STMicroelectronics
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
More results

Similar Description - STS8DNF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Nov-2001
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
logo
Advanced Analogic Techn...
STS9NF30L ANALOGICTECH-STS9NF30L_02 Datasheet
284Kb / 8P
N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET??II Power MOSFET
12-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com