Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC682 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC682
Description  8-bit Magnitude Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC682 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC682 Datasheet HTML 1Page - Renesas Technology Corp HD74HC682 Datasheet HTML 2Page - Renesas Technology Corp HD74HC682 Datasheet HTML 3Page - Renesas Technology Corp HD74HC682 Datasheet HTML 4Page - Renesas Technology Corp HD74HC682 Datasheet HTML 5Page - Renesas Technology Corp HD74HC682 Datasheet HTML 6Page - Renesas Technology Corp HD74HC682 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC682, HD74HC684
8-bit Magnitude Comparator
REJ03D0642-0200
(Previous ADE-205-528)
Rev.2.00
Mar 30, 2006
Description
These magnitude comparators perform comparisons of two eight-bit binary or BCD words. All types provide
P=Q
outputs and provide
P>Q outputs. The HD74HC682 features 20 kΩ pullup termination resistors on the Q inputs for
analog or switch data.
Type
P=Q
P>Q
Output Enable
20 k
Ω Pullup
HD74HC682
Yes
Yes
No
Yes
HD74HC684
Yes
Yes
No
No
Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC682P
HD74HC684P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC682RPEL
HD74HC684RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Function Table
Input Data
Outputs
P, Q
P=Q
P>Q
P = Q
L
H
P > Q
H
L
P < Q
H
H
Note:
1. The
P<Q function can be generated by applying the P=Q and P>Q Outputs to a 2-input NAND gate.
H :
high level
L
:
low level


Similar Part No. - HD74HC682

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
8-bit Magnitude Comparator
More results

Similar Description - HD74HC682

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
74LV688 PHILIPS-74LV688 Datasheet
126Kb / 12P
8-bit magnitude comparator
1998 Jun 23
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
8-bit Magnitude Comparator
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
8-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
8-bit magnitude comparator
December 1990
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com