Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4052 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC4052
Description  Dual 4-channel Analog Multiplexers/Demultiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4052 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC4052 Datasheet HTML 4Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 5Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 6Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 7Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 8Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 9Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 10Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 11Page - Renesas Technology Corp HD74HC4052 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74HC4052, HD74HC4053
Rev.2.00 Mar 30, 2006 page 9 of 11
tPLH, tPHL: Propagation Delay Time (Control Input to Switch Output)
VCC
VCC or GND
(Switch Input)
GND or VCC
VC = Vin
Vout
Common Pin
VCC
VC
Vout
VOL
VOH
GND
RL =
10 k
Ω
CL =
50 pF
VCC
GND
VEE
tPLH
tPHL
50%
50%
tZH, tZL/tHZ, tLZ: Output Enable and Disable Time
VCC
VCC
VINH
Vout
Vout
VOH
VOL
VOL
VOH
GND
VCC GND
VINH = Vin
Vout
RL =
1 k
Ω
CL =
50 pF
VCC
GND
VEE
GND
VCC
tf
tZH
tZL
tLZ
tHZ
tr
90%
50%
10%
50%
50%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com