Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38264ECGP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M38264ECGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264ECGP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M38264ECGP Datasheet HTML 17Page - Renesas Technology Corp M38264ECGP Datasheet HTML 18Page - Renesas Technology Corp M38264ECGP Datasheet HTML 19Page - Renesas Technology Corp M38264ECGP Datasheet HTML 20Page - Renesas Technology Corp M38264ECGP Datasheet HTML 21Page - Renesas Technology Corp M38264ECGP Datasheet HTML 22Page - Renesas Technology Corp M38264ECGP Datasheet HTML 23Page - Renesas Technology Corp M38264ECGP Datasheet HTML 24Page - Renesas Technology Corp M38264ECGP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 21 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 17 Port block diagram (4)
(18) Port P61
(19) Port P62
(20) Port P63
Serial I/O2 output
Serial I/O2 transmit end signal
Serial I/O2 synchronous clock selection bit
Serial I/O2 port selection bit
Pull-up control
Analog input pin selection bit
A/D converter input
P61/SOUT2 P-channel output disable bit
(21) COM0–COM3
(22) SEG0–SEG17
VL3
VL2
VL1
VSS
VL2/VL3
VL1/VSS
(23) Port P70
INT0 input
Serial I/O2 synchronous clock
selection bit
Serial I/O2 clock output
Serial I/O2 clock input
Serial I/O2 port selection bit
Synchronous clock output pin
selection bit
A/D converter input
Serial I/O2 clock output
A/D converter input
Direction
register
Port latch
Data bus
Pull-up control
Direction
register
Port latch
Data bus
Analog input pin selection bit
Pull-up control
Direction
register
Port latch
Data bus
Analog input pin selection bit
Serial I/O2 synchronous clock selection bit
Serial I/O2 port selection bit
Data bus
The gate input signal of each
transistor is controlled by the LCD
duty ratio and the bias value.
The voltage applied to the sources of P-
channel and N-channel transistors is the
controlled voltage by the bias value.
Synchronous clock output pin selection
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com