Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC245P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC245P
Description  Octal Bus Transceivers (with 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC245P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC245P Datasheet HTML 1Page - Renesas Technology Corp HD74HC245P Datasheet HTML 2Page - Renesas Technology Corp HD74HC245P Datasheet HTML 3Page - Renesas Technology Corp HD74HC245P Datasheet HTML 4Page - Renesas Technology Corp HD74HC245P Datasheet HTML 5Page - Renesas Technology Corp HD74HC245P Datasheet HTML 6Page - Renesas Technology Corp HD74HC245P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HCT245
Rev.2.00 Mar 30, 2006 page 2 of 6
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
Enable G
B1
B2
B3
B4
B5
B6
B7
B8
20
19
18
17
16
15
14
13
12
11
(Top view)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
VIN, VOUT
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IO
±35
mA
VCC, GND current
ICC or IGND
±75
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
4.5 to 5.5
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
Input rise / fall time
*1
tr, tf
0 to 500
ns
VCC = 4.5 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com