Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS02 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS02
Description  Quadruple 2-Input Positive NOR Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS02 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS02 Datasheet HTML 1Page - Renesas Technology Corp HD74LS02 Datasheet HTML 2Page - Renesas Technology Corp HD74LS02 Datasheet HTML 3Page - Renesas Technology Corp HD74LS02 Datasheet HTML 4Page - Renesas Technology Corp HD74LS02 Datasheet HTML 5Page - Renesas Technology Corp HD74LS02 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LS02
Rev.2.00, Feb.18.2005, page 2 of 5
Circuit Schematic (1/4)
A
8k
20k
20k
4.5k
VCC
GND
Y
Output
Inputs
75
3k
1.5k
B
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
Note
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
µA
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com