Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS75P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS75P
Description  Quadruple Bistable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS75P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS75P Datasheet HTML 1Page - Renesas Technology Corp HD74LS75P Datasheet HTML 2Page - Renesas Technology Corp HD74LS75P Datasheet HTML 3Page - Renesas Technology Corp HD74LS75P Datasheet HTML 4Page - Renesas Technology Corp HD74LS75P Datasheet HTML 5Page - Renesas Technology Corp HD74LS75P Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HD74LS75
Rev.3.00, May 10, 2006, page 3 of 5
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.4
IOL = 4 mA
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
D input
—
—
20
G input
IIH
—
—
80
µA
VCC = 5.25 V, VI = 2.7 V
D input
—
—
–0.4
G input
IIL
—
—
–1.6
mA
VCC = 5.25 V, VI = 0.4 V
D input
—
—
0.1
Input
current
G input
II
—
—
0.4
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current**
ICC
—
6.3
12
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
tPLH
—
15
27
tPHL
D
Q
—
9
17
ns
tPLH
—
12
20
tPHL
D
Q
—
7
15
ns
tPLH
—
15
27
tPHL
G
Q
—
14
25
ns
tPLH
—
16
30
Propagation delay time
tPHL
G
Q
—
7
15
ns
CL = 15 pF,
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com