Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS76AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS76AP
Description  Dual J-K Flip-Flops (with Preset and Clear)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS76AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS76AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS76AP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74LS76A
Rev.3.00, Jul.22.2005, page 5 of 6
Waveforms 1
tw(H)
tPHL
VOH
VOL
0 V
3 V
VOH
VOL
tw(L)
tPHL
tPLH
tPLH
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Clock
Q
Q
tTLH
tTHL
Note:
Clock input pulse; tTLH ≤ 15 ns, tTHL ≤ 6 ns, PRR = 1 MHz, duty cycle = 50% and for fmax.,
tTLH = tTHL ≤ 2.5 ns
Waveforms 2
Clear
Preset
Q
Q
VOH
VOH
VOL
VOL
0V
0V
3V
3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tTHL
tTLH
tw (CLR)
tw (PR)
tTLH
tTHL
tPHL
tPLH
10%
10%
10%
10%
90%
90%
90%
90%
1.3V
1.3V
tPHL
tPLH
Note:
Crear and preset input pulse; tTLH ≤ 15 ns, tTHL ≤ 6 ns, PRR = 1 MHz,



Html Pages

1 2 3 4 5 6 7