Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS85 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS85
Description  4-bit Magnitude Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS85 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS85 Datasheet HTML 1Page - Renesas Technology Corp HD74LS85 Datasheet HTML 2Page - Renesas Technology Corp HD74LS85 Datasheet HTML 3Page - Renesas Technology Corp HD74LS85 Datasheet HTML 4Page - Renesas Technology Corp HD74LS85 Datasheet HTML 5Page - Renesas Technology Corp HD74LS85 Datasheet HTML 6Page - Renesas Technology Corp HD74LS85 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS85
Rev.2.00, Feb.18.2005, page 3 of 6
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
µA
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
°C
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
0.4
IOL = 4 mA
Output voltage
VOL
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
A < B, A > B
inputs
20
Other inputs
IIH
60
µA
VCC = 5.25 V, VI = 2.7 V
A < B, A > B
inputs
–0.4
Other inputs
IIL
–1.2
mA
VCC = 5.25 V, VI = 0.4 V
A < B, A > B
inputs
0.1
Input
current
Other inputs
II
0.3
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
Supply current**
ICC
10.4
20
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
** ICC is measured with outputs open, A = B grounded, and all other inputs at 4.5 V.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
Number of
gate levels
min.
typ.
max.
Unit
Condition
1
14
2
19
A < B, A > B
3
24
36
tPLH
Any A or
B data input
A = B
4
27
45
1
11
2
15
A < B, A > B
3
20
30
tPHL
Any A or
B data input
A = B
4
23
45
tPHL
1
14
22
tPHL
A < B or
A = B
A > B
1
11
17
tPLH
2
13
20
tPHL
A = B
A = B
2
13
26
tPLH
1
14
22
Propagation
delay time
tPHL
A > B or
A = B
A < B
1
11
17
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com