Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS93 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS93
Description  4-bit Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS93 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS93 Datasheet HTML 1Page - Renesas Technology Corp HD74LS93 Datasheet HTML 2Page - Renesas Technology Corp HD74LS93 Datasheet HTML 3Page - Renesas Technology Corp HD74LS93 Datasheet HTML 4Page - Renesas Technology Corp HD74LS93 Datasheet HTML 5Page - Renesas Technology Corp HD74LS93 Datasheet HTML 6Page - Renesas Technology Corp HD74LS93 Datasheet HTML 7Page - Renesas Technology Corp HD74LS93 Datasheet HTML 8Page - Renesas Technology Corp HD74LS93 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LS93
Rev.2.00, Feb.18.2005, page 5 of 8
Timing Definition
A or B
Input
R0
0 V
3 V
0 V
3 V
1.3 V
1.3 V
tw
tsu
1.3 V
1.3 V
tw
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
QA
VCC
RL
CL
P.G.
Zout = 50
Ω
A
B
R0
R0
QC
QD
QB
Same as Load Circuit 1.
QB
Same as Load Circuit 1.
QC
Same as Load Circuit 1.
QD
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com