Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS122P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS122P
Description  Retriggerable Monostable Multivibrator (with Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS122P Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS122P Datasheet HTML 1Page - Renesas Technology Corp HD74LS122P Datasheet HTML 2Page - Renesas Technology Corp HD74LS122P Datasheet HTML 3Page - Renesas Technology Corp HD74LS122P Datasheet HTML 4Page - Renesas Technology Corp HD74LS122P Datasheet HTML 5Page - Renesas Technology Corp HD74LS122P Datasheet HTML 6Page - Renesas Technology Corp HD74LS122P Datasheet HTML 7Page - Renesas Technology Corp HD74LS122P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LS122
Rev.2.00, Feb.18.2005, page 6 of 7
Testing Method
Test Circuit
4.5V
Rext
H2
Cext
Load circuit 1
Output Q
VCC
RL
CL
Same as Load Circuit 1.
Output
Q
A1 Input
P.G.
Zout = 50
Ω
B1 Input
P.G.
Zout = 50
Ω
CLR Input
P.G.
Zout = 50
Ω
VCC
Q
Q
Rext
/Cext
Cext
CLR
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveform
1.3V
tw (in)
≥ 40ns
tw (in)
≥ 40ns
tw (in)
≥ 40ns
tw (in)
≥ 40ns
tPLH
tPLH
tPHL
tPHL
tPLH
tw (out)
tw (out)
tPHL
tw (CLR)
≥ 40ns
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
A
3V
0V
B
3V
0V
Clear
3V
0V
Q
VOH
VOL
Q
VOH
VOL
Note:
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com