Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKD700KL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKD700KL
Description  Silicon Schottky Barrier Diode for Backflow prevention
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKD700KL Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKD700KL Datasheet HTML 1Page - Renesas Technology Corp RKD700KL Datasheet HTML 2Page - Renesas Technology Corp RKD700KL Datasheet HTML 3Page - Renesas Technology Corp RKD700KL Datasheet HTML 4Page - Renesas Technology Corp RKD700KL Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKD700KL
Rev.1.00 Jan 19, 2006 page 3 of 4
Main Characteristic
Ta=25
°C
Ta=75
°C
Pulse test
1.0
0
0.8
0.2
0.4
0.6
0.1
10
10
0.1
1.0
1.0
010
30
40
20
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
10
-8
10
-7
10
-6
10
-5
10
-4
f=1MHz
10
–1
10
–3
10
–4
10
–5
10
–8
10
–2
10
–7
10
–6
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Ta=75°C
Ta=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com