Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTA106U Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTA106U
Description  TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA106U Datasheet(HTML) 8 Page - STMicroelectronics

  STTA106U Datasheet HTML 1Page - STMicroelectronics STTA106U Datasheet HTML 2Page - STMicroelectronics STTA106U Datasheet HTML 3Page - STMicroelectronics STTA106U Datasheet HTML 4Page - STMicroelectronics STTA106U Datasheet HTML 5Page - STMicroelectronics STTA106U Datasheet HTML 6Page - STMicroelectronics STTA106U Datasheet HTML 7Page - STMicroelectronics STTA106U Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE MECHANICAL DATA
F126
A
C
C
D
D
B
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
A
6.05 6.20 6.35 0.238 0.244 0.250
B
2.95 3.00 3.05 0.116 0.118 0.120
C
26
31
1.024
1.220
D
0.76 0.81 0.86 0.030 0.032 0.034
Type
Marking
Package
Weight
Base Qty
Delivery mode
STTA106U
T01
SMB
0.11g
2500
tape & reel
STTA106
STTA106
F126
0.39g
1000
box
STTA106RL
STTA106
F126
0.39g
6000
tape & reel
Band indicates cathode
Epoxy meets UL94,V0
MARKING
STTA106/U
8/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com